Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 42Page - STMicroelectronics UM1547 Datasheet HTML 43Page - STMicroelectronics UM1547 Datasheet HTML 44Page - STMicroelectronics UM1547 Datasheet HTML 45Page - STMicroelectronics UM1547 Datasheet HTML 46Page - STMicroelectronics UM1547 Datasheet HTML 47Page - STMicroelectronics UM1547 Datasheet HTML 48Page - STMicroelectronics UM1547 Datasheet HTML 49Page - STMicroelectronics UM1547 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
FW configuration variables
UM1547
46/51
DocID023232 Rev 5
Var17
GPIO_HostKeepAwake
None
GPIO register used to prevent the module from
entering deep sleep mode. A setting of none
means that this function is disabled. Typically
GPIO 3 supports this feature.
Var18
GPIO_HostWakeup
None
GPIO register used to wake up the module after it
enters deep sleep mode. A setting of none means
that this function is disabled. Typically GPIO 3
supports this feature.
Var19
UseSmallPackets
False
If true, only DM1, DH1, DM3, DH3 packets are
allowed on a link. EDR is disabled.
Var20
EnableAFH
True
Enable/Disable the Adaptive Frequency Hopping
mode.
Var21
EnablePowerControl
True
Enable/Disable the Bluetooth Dynamic power
control feature. Not supported
Var22
HostFlowControl
0
Reserved for future usage.
Var23
ATReply
AT-AB
Sets the AT command reply prefix. All events that
are displayed are prefixed by this character string
(case sensitive).
Var24
QoS_Latency
20
Sets the Quality of Service Latency from 3 to 40
slots. A slot period is 625 microseconds
Var25
CpuMHz
32
Sets the module’s CPU speed: 2, 4, 8, 12, 16, 20,
24, 28, 32, 36 and 64 MHz are allowed. (Note:
CPUMHz: 40 to 63 are not supported.)
Var26
HciBaudrate
921600
Baud rate of the HCI interface to the Bluetooth
controller: 115,200; 230,400; 460,800; 921,600
and 2,000,000 baud are allowed.
Var27
SPIEnable
False
Enables the SPI interface to external pins. (Not
supported)
Var28
SPIMode
Slave
Mode of the SPI. (Not supported)
Table 13. AT2 FW version 1.6 system configuration settings - version 1.5A (continued)
Variable
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com