Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 9Page - STMicroelectronics UM1547 Datasheet HTML 10Page - STMicroelectronics UM1547 Datasheet HTML 11Page - STMicroelectronics UM1547 Datasheet HTML 12Page - STMicroelectronics UM1547 Datasheet HTML 13Page - STMicroelectronics UM1547 Datasheet HTML 14Page - STMicroelectronics UM1547 Datasheet HTML 15Page - STMicroelectronics UM1547 Datasheet HTML 16Page - STMicroelectronics UM1547 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
DocID023232 Rev 5
13/51
UM1547
AT command list
51
3.3.2
Responses
If the request is successfully submitted, the response is:
AT-AB BondPending [Remote BD Addr]
If the operation is successful, the response is:
AT-AB BondOk
If the operation fails, the response is:
AT-AB BondFail
3.4
BtcVersion
The BtcVersion command is used to return the current ID of the Bluetooth controller chip.
3.4.1
Syntax
AT+AB BtcVersion
3.5
Build
The Build command is used to return the current build ID of the application firmware.
3.5.1
Syntax
AT+AB Build
3.5.2
Responses
If the operation is successful, the response is:
AT-AB ATn FW Build [date]
where [date] is the date code of the application firmware.
3.6
Bypass
The bypass command is used to return the ATn FW interface to the bypass mode, if a
connection is still available. A possible use for this command is to change a setting after a
connection has been made (such as the UART baud rate). If the ATn FW interface does not
have a connection, it will respond as if the connection is down.
3.6.1
Syntax
AT+AB Bypass
3.6.2
Responses
If a connection is still available, the response is:
AT-AB -BypassMode-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com