Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 37Page - STMicroelectronics UM1547 Datasheet HTML 38Page - STMicroelectronics UM1547 Datasheet HTML 39Page - STMicroelectronics UM1547 Datasheet HTML 40Page - STMicroelectronics UM1547 Datasheet HTML 41Page - STMicroelectronics UM1547 Datasheet HTML 42Page - STMicroelectronics UM1547 Datasheet HTML 43Page - STMicroelectronics UM1547 Datasheet HTML 44Page - STMicroelectronics UM1547 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
DocID023232 Rev 5
41/51
UM1547
FW configuration variables
51
Var09
UartDataBits
8
Main UART data bits per character. With
Even/Odd parity, this must be 9 data bits, to
include 1 bit of parity.
Var10
UartStopBits
1
Main UART number of stop bits. 1 or 2
Var11
UartTimeout
16
Timeout used to determine the end of a message
in units of bit times: from 8 to 128 are allowed.
Var12
AutoSniff
False
This enables the sniff feature when the link is
inactive automatically.
Var13
AutoSniffTimeout
5
The inactivity timeout in seconds used for
AutoSniff above.
Var14
AutoSniffInterval
1000
Sniff Slot interval applied AutoSniff: from 200 to
1000 are allowed. 0.625 ms per slot.
Var15
HostShallowSleepEnable
True
Enables shallow sleep mode.
Var16
HostDeepSleepEnable
False
Enables deep sleep mode
Var17
GPIO_HostKeepAwake
None
GPIO register used to prevent the module from
entering deep sleep mode. A setting of none
means that this function is disabled. Typically
GPIO 3 & 5 support this feature.
Var18
GPIO_HostWakeup
None
GPIO register used to wake up the module after it
enters deep sleep mode. A setting of none
means that this function is disabled. Typically
GPIO 3 & 5 support this feature.
Var19
UseSmallPackets
False
If true, only DM1, DH1, DM3, DH3 packets are
allowed on a link. EDR is disabled.
Var20
EnableAFH
True
Enable/Disable the Adaptive Frequency Hopping
mode.
Var21
EnablePowerControl
True
Enable/Disable the Bluetooth Dynamic power
control feature. Not supported
Var22
HostFlowControl
0
Reserved for future usage.
Var23
ATReply
AT-AB
Sets the AT command reply prefix. All events that
are displayed are prefixed by this character string
(case sensitive).
Table 12. AT2 FW version 1.6 system configuration settings - version 1.5 (continued)
Variable
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com