Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 31Page - STMicroelectronics UM1547 Datasheet HTML 32Page - STMicroelectronics UM1547 Datasheet HTML 33Page - STMicroelectronics UM1547 Datasheet HTML 34Page - STMicroelectronics UM1547 Datasheet HTML 35Page - STMicroelectronics UM1547 Datasheet HTML 36Page - STMicroelectronics UM1547 Datasheet HTML 37Page - STMicroelectronics UM1547 Datasheet HTML 38Page - STMicroelectronics UM1547 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
DocID023232 Rev 5
35/51
UM1547
FW configuration variables
51
A.2
AT2 FW version 1.3
Var39
DefaultSecurity
1
Default security mode should be 1 for no
security or 4 for authentication required. Modes
2 and 3 are used for legacy compatibility.
Var40
DefaultAuthentication
4
Establishes which level of SSP authentication is
enabled. Possible values are 4 - SSP Just works
or 5 - SSP pairing modes with MITM protection.
Table 9. AT version 1.2 system configuration settings – version 1.2 (continued)
Variable
Name
Default
Description
Table 10. AT2 version 1.3 - system configuration settings – version 1.4
Variable
Name
Default
Description
Var01
BuildVersion
xxxxxxx IDPS
Date code software was built.
Var03
BD_ADDR
00043e212345
Bluetooth device address (read-only).
Var04
DeviceName
Amp'ed Up!
Code used for secure connection. Up to 20
characters are allowed (case sensitive).
Var05
StreamingSerial
True
When true, hardware RTS/CTS flow control is
disabled and data not able to be transmitted
over the link will be discarded. When false,
RST/CTS flow control is enabled.
Var06
PIN
1234
Code used for pairing. Up to 16 characters are
allowed (case sensitive).
Var07
UartBaudrate
115200
Main UART baud rate: 1200 to 921,600 baud.
Var08
UartParity
None
Main UART parity.
Var09
UartDataBits
8
Main UART data bits per character.
Var10
UartStopBits
1
Main UART number of stop bits.
Var11
UartTimeout
16
Timeout used to determine the end of a
message in units of bit times: from 8 to 128 are
allowed.
Var12
AutoSniff
False
This enables the sniff feature when the link is
inactive automatically.
Var13
AutoSniffTimeout
5
The inactivity timeout in seconds used for
AutoSniff above.
Var14
AutoSniffInterval
1000
Sniff Slot interval applied AutoSniff.
Var15
HostShallowSleepEnab
le
True
Enables shallow sleep mode.
Var16
HostDeepSleepEnable
False
Enables deep sleep mode.
Var17
GPIO_HostKeepAwake
None
GPIO register used to prevent the module from
entering deep sleep mode. A setting of none
means that this function is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com