Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 19Page - STMicroelectronics UM1547 Datasheet HTML 20Page - STMicroelectronics UM1547 Datasheet HTML 21Page - STMicroelectronics UM1547 Datasheet HTML 22Page - STMicroelectronics UM1547 Datasheet HTML 23Page - STMicroelectronics UM1547 Datasheet HTML 24Page - STMicroelectronics UM1547 Datasheet HTML 25Page - STMicroelectronics UM1547 Datasheet HTML 26Page - STMicroelectronics UM1547 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
DocID023232 Rev 5
23/51
UM1547
AT command list
51
3.27
LocalName
The LocalName command is used to set the name of the device to the name that is reported
during device discoveries. By default, the ATn FW interface uses “Amped UP!”. Changing
the name using this command does not permanently change the local name.
3.27.1
Syntax
AT+AB LocalName [name]
Where [name] is a string for the new local name (up to 20 characters). The space character
is allowed; the name is assumed to be all text up to the end of the command.
3.27.2
Responses
If the operation is successful, the response is:
AT-AB LocalNameOk
3.28
PassKeyAccept
This command is used to accept the MITM confirmation code, automatically generated
during the bonding phase. After setting var55 = true, it is possible to use this command to
complete the paring automatically
3.28.1
Syntax
AT+AB PassKeyAccept [y/n]
Example for confirmation:
AT+AB PassKeyAccept y
Example for denying confirmation:
AT+AB PassKeyAccept n
3.28.2
Responses
If the operation is successful the module enters in bypass mode and it is automaticaly
bonded or connected.
3.29
PortDisconnect
The PortDisconnect command is used to terminate a connection with the remote device port
handle. it is supported by AT FW.
3.29.1
Syntax
AT+AB PortDisconnect
3.29.2
Responses
If the operation is successful, the response is:
AT+AB ConnectionDown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com