Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 21Page - STMicroelectronics UM1547 Datasheet HTML 22Page - STMicroelectronics UM1547 Datasheet HTML 23Page - STMicroelectronics UM1547 Datasheet HTML 24Page - STMicroelectronics UM1547 Datasheet HTML 25Page - STMicroelectronics UM1547 Datasheet HTML 26Page - STMicroelectronics UM1547 Datasheet HTML 27Page - STMicroelectronics UM1547 Datasheet HTML 28Page - STMicroelectronics UM1547 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
DocID023232 Rev 5
25/51
UM1547
AT command list
51
3.33
ShowConnection
This command is used to display the details of active links.
3.33.1
Syntax
at+ab ShowConnection
3.33.2
Responses
Reply format with active connection:
Channel ID, Remote Device BD Address, Status, Profile
0
4cb199dccd22
Connected IAP
Reply without active connection:
No Device Connected
3.34
ShowDev
The ShowDev command is used to list the contents of the Bond Table.
3.34.1
Syntax
AT+AB ShowDev
3.34.2
Responses
This command returns the list of all the devices bonded, identified by their BD address.
3.35
SmartCableSetup
The SmartCableSetup command is used to enable and configure a Smart Cable device. A
device's BD address is specified in order to automatically establish a connection, replacing
the need for AT connection commands. This command will override the dynamic
configuration of a Smart Cable device until the DeleteSmartCable command is issued; it is
saved in non-volatile memory.
3.35.1
Syntax
AT+AB SmartCableSetup [BD address] [Attempts] [Interval]
Where [BD address] is the BD address of the remote device to page and attempt to connect.
[Attempts] 0 - 999 is the number of pages that will be attempted to the specified device until
a connection is successful. A value of 0 will not automatically page the remote device. A
value of 1000 will perform unlimited pages until the connection is switched from command
mode to bypass mode to exchange data.
[Interval] 1-1000 is the number of 100 ms intervals (0.1 sec to 100 sec) between page
attempts. This interval is in addition to the amount of time required by the page attempt
itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com