Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 33Page - STMicroelectronics UM1547 Datasheet HTML 34Page - STMicroelectronics UM1547 Datasheet HTML 35Page - STMicroelectronics UM1547 Datasheet HTML 36Page - STMicroelectronics UM1547 Datasheet HTML 37Page - STMicroelectronics UM1547 Datasheet HTML 38Page - STMicroelectronics UM1547 Datasheet HTML 39Page - STMicroelectronics UM1547 Datasheet HTML 40Page - STMicroelectronics UM1547 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
DocID023232 Rev 5
37/51
UM1547
FW configuration variables
51
Var40
DefaultSecurity
4
Default security mode should be 1 for no
security or 4 for authentication required. Modes
2 and 3 are used for legacy compatibility.
Var41
DefaultAuthentication
5
Establishes which level of SSP authentication is
enabled. Possible values are 4 - SSP Just works
or 5 - SSP pairing modes with MITM protection.
Var42
EnableIAP
True
Enables IAP mode to support iOS devices.
Var43
AllowSniff
False
Enables sniff mode.
Var44
iAPAppID
A1B2C3D4E5
This variable identifies the iOS application ID.
Var45
iAPProtocolStrMain
com.****.Demo
This variable defines the main connecting string
for the iOS application.
Var46
iAPProtocolStrAlt
com.****.Protocol
Alt
This variable defines the alternative connecting
string for the iOS application.
Var47
CPI2CMode
3
Apple CP chip I2C address mode 2 or 3.
Var48
SPP128UUID
True
This variable enables the 128-bit UUID for the
Android devices.
Var51
RmtEscapeSequence
False
Set to true to enable Remote Control Mode.
Table 10. AT2 version 1.3 - system configuration settings – version 1.4 (continued)
Variable
Name
Default
Description
Table 11. AT2 FW version 1.3 system configuration settings - version 1.5
Variable
Name
Default
Description
Var01
BuildVersion
121016A IDPS
Data code software was build (read only)
Var03
BD_ADDR
00043e212345
Bluetooth device address (read-only).
Var04
DeviceName
Amp'ed Up!
Code used for secure connection. Up to 20
characters are allowed (case sensitive).
Var05
StreamingSerial
True
When true, hardware RTS/CTS flow control is
disabled and data not able to be transmitted
over the link will be discarded. When false,
RST/CTS flow control is enabled.
Var06
PIN
1234
Code used for pairing. Up to 16 characters are
allowed (case sensitive).
Var07
UartBaudrate
115200
Main UART baud rate: 1200 to 921,600 baud.
Var08
UartParity
None
Main UART parity. None/Even/Odd
Var09
UartDataBits
8
Main UART data bits per character. With
Even/Odd parity, this must be 9 data bits, to
include 1 bit of parity.
Var10
UartStopBits
1
Main UART number of stop bits. 1 or 2
Var11
UartTimeout
16
Timeout used to determine the end of a
message in units of bit times: from 8 to 128 are
allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com