Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 23Page - STMicroelectronics UM1547 Datasheet HTML 24Page - STMicroelectronics UM1547 Datasheet HTML 25Page - STMicroelectronics UM1547 Datasheet HTML 26Page - STMicroelectronics UM1547 Datasheet HTML 27Page - STMicroelectronics UM1547 Datasheet HTML 28Page - STMicroelectronics UM1547 Datasheet HTML 29Page - STMicroelectronics UM1547 Datasheet HTML 30Page - STMicroelectronics UM1547 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
DocID023232 Rev 5
27/51
UM1547
AT command list
51
AT+AB SPPDisconnect [Slave ID]
3.38.2
Responses
If the connection is successful, the response is
AT-AB SPPConnectionClosed
3.39
StreamingSerial
3.39.1
Syntax
AT+AB StreamingSerial [Enable/Disable]
Where [Enable/Disable] is an “e” or “E” character to enable this parameter and a “d” or “D”
character to disable it. Streaming Serial will disable the RTS/CTS hardware flow control and
discard non-transmitted data when enabled. RTS/CTS flow control is enabled when
Streaming Serial is disabled.
3.39.2
Query
An alternative syntax may be used to query the current StreamingSerial feature status. This
syntax is not supported by other commands.
AT+AB StreamingSerial
3.39.3
Responses
If the feature is successfully applied or queried, the response is:
AT-AB StreamingSerial [Enabled/Disabled]
3.40
UpdateInquiryScan
The UpdateInquiryScan command is used to modify the Inquiry scan parameters: mode,
duration, and interval.
3.40.1
Syntax
AT+AB UpdateInquiryScan [mode] [duration] [interval]
where [mode] is the discoverable mode:
•
0: non-discoverable
•
1: limited discoverability - not supported
•
2: discoverable
[duration] is the scan length in slots; 18 to 4096. The default duration is 18 slots.
[interval] is the period between scans in slots; 18 to 4096. The default interval is 2048 slots
3.40.2
Responses
If the command is successful, the response is:
AT-AB InquiryScanUpdateDone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com