Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 38Page - STMicroelectronics UM1547 Datasheet HTML 39Page - STMicroelectronics UM1547 Datasheet HTML 40Page - STMicroelectronics UM1547 Datasheet HTML 41Page - STMicroelectronics UM1547 Datasheet HTML 42Page - STMicroelectronics UM1547 Datasheet HTML 43Page - STMicroelectronics UM1547 Datasheet HTML 44Page - STMicroelectronics UM1547 Datasheet HTML 45Page - STMicroelectronics UM1547 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
FW configuration variables
UM1547
42/51
DocID023232 Rev 5
Var24
QoS_Latency
20
Sets the Quality of Service Latency from 3 to 40
slots. A slot period is 625 microseconds
Var25
CpuMHz
32
Sets the module’s CPU speed: 2, 4, 8, 12, 16, 20,
24, 28, 32, 36 and 64 MHz are allowed. (Note:
CpuMHz: 40 to 63 are not supported.)
Var26
HciBaudrate
921600
Baud rate of the HCI interface to the Bluetooth
controller: 115,200; 230,400; 460,800; 921,600
and 2,000,000 baud are allowed.
Var27
SPIEnable
False
Enables the SPI interface to external pins.
Var28
SPIMode
Slave
Mode of the SPI.
Var29
I2CEnable
False
Enables the I2C interface to external pins. (Note:
not supported)
Var30
COD
240404
Bluetooth Class of Device.
Var32
HostEvents
True
All host events are sent when true.
Var33
BondingAllowed
True
Automatically allow bonding by default when true
Var34
PageScan
True
Enables page scan when true, or halts page scan
when false.
Var35
InquiryScan
True
Enables inquiry scan when true, or halts inquiry
scan when false.
Var36
MPMode
0
0 = point-to-point, 1 = multipoint using packet
protocol, 2 = broadcast.
Var37
UseExtLPO
False
True when a 32.768 kHz low power oscillator is
present, and false if not present.
Var39
EnableEncryption
True
Set to true to enable the Bluetooth link
encryption.
Var40
DefaultSecurity
4
Default security mode should be 1 for no security
or 4 for Authentication required. Modes 2 and 3
are used for legacy compatibility and not
supported anymore.
Var41
DefaultAuthentication
5
Establishes which level of SSP authentication is
enabled. Possible values are 4 - SSP Just works
or 5 - SSP pairing modes with MITM protection by
asking for a confirmation message during pairing.
Table 12. AT2 FW version 1.6 system configuration settings - version 1.5 (continued)
Variable
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com