Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 43Page - STMicroelectronics UM1547 Datasheet HTML 44Page - STMicroelectronics UM1547 Datasheet HTML 45Page - STMicroelectronics UM1547 Datasheet HTML 46Page - STMicroelectronics UM1547 Datasheet HTML 47Page - STMicroelectronics UM1547 Datasheet HTML 48Page - STMicroelectronics UM1547 Datasheet HTML 49Page - STMicroelectronics UM1547 Datasheet HTML 50Page - STMicroelectronics UM1547 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
DocID023232 Rev 5
47/51
UM1547
FW configuration variables
51
Var29
I2CEnable
False
Enables the I2C interface to external pins. (Note:
not supported)
Var30
COD
240404
Bluetooth Class of Device.
Var32
HostEvents
True
All host events are sent when true.
Var33
BondingAllowed
True
Automatically allow bonding by default when true
Var34
PageScan
True
Enables page scan when true, or halts page scan
when false.
Var35
InquiryScan
True
Enables inquiry scan when true, or halts inquiry
scan when false.
Var36
MPMode
0
0 = point-to-point, 1 = multipoint using packet
protocol, 2 = broadcast.
Var37
UseExtLPO
False
True when a 32.768 kHz low power oscillator is
present, and false if not present.
Var39
EnableEncryption
True
Set to true to enable the Bluetooth link encryption.
Var40
DefaultSecurity
4
Default security mode should be 1 for no security
or 4 for Authentication required. Modes 2 and 3
are used for legacy compatibility and not
supported anymore.
Var41
DefaultAuthentication
5
Establishes which level of SSP authentication is
enabled. Possible values are 4 - SSP Just works
or 5 - SSP pairing modes with MITM protection by
asking for a confirmation message during pairing.
Var42
EnableIAP
True
Enables IAP mode to support iOS devices.
Table 13. AT2 FW version 1.6 system configuration settings - version 1.5A (continued)
Variable
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com