Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 35Page - STMicroelectronics UM1547 Datasheet HTML 36Page - STMicroelectronics UM1547 Datasheet HTML 37Page - STMicroelectronics UM1547 Datasheet HTML 38Page - STMicroelectronics UM1547 Datasheet HTML 39Page - STMicroelectronics UM1547 Datasheet HTML 40Page - STMicroelectronics UM1547 Datasheet HTML 41Page - STMicroelectronics UM1547 Datasheet HTML 42Page - STMicroelectronics UM1547 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
DocID023232 Rev 5
39/51
UM1547
FW configuration variables
51
Var34
PageScan
True
Enables page scan when true, or halts page
scan when false.
Var35
InquiryScan
True
Enables inquiry scan when true, or halts inquiry
scan when false.
Var36
MPMode
0
0 = point-to-point, 1 = multipoint using packet
protocol, 2 = broadcast.
Var37
UseExtLPO
False
True when a 32.768 kHz low power oscillator is
present, and false if not present.
Var38
not assigned
Var39
EnableEncryption
True
Set to true to enable the Bluetooth link
encryption.
Var40
DefaultSecurity
4
Default security mode should be 1 for no
security or 4 for Authentication required. Modes
2 and 3 are used for legacy compatibility and not
supported anymore.
Var41
DefaultAuthentication
5
Establishes which level of SSP authentication is
enabled. Possible values are 4 - SSP Just
works or 5 - SSP pairing modes with MITM
protection by asking for a confirmation message
during pairing.
Var42
EnableIAP
True
Enables IAP mode to support iOS devices.
Var43
AllowSniff
False
Enables sniff mode. Must be False when no
32.768KHz LPO is present
Var44
iAPAppID
A123CDFG445
Apple MFI application ID. Up to 10 characters
are allowed. See Apple MFI documentation for
further details
Var45
iAPProtocolStrMain
com.****.Demo
Main connecting string for an Apple MFI
Application. Up to 25 characters are allowed.
See Apple MFI documentation for further
details.
Var46
iAPProtocolStrAlt
com.****.Protocol
Alt
Alternative connecting string for the Apple MFI
Application. Up to 25 characters are allowed.
See Apple MFI documentation for further
details.
Var47
CPI2CMode
3
Apple CP Chip I2C address mode 2 or 3. Apple
CP v2.0C should default to 3. See Apple CP
documentation for further details.
Var48
SPP128UUID
True
This variable enables the 128-bit UUID for the
SPP profile.
Var51
RmtEscapeSequence
False
Remote escape sequence enabled: @#@$@%
Var53
CreditMax
5
Number of buffers available for incoming data
packets.
Var54
PageScanInterlaced
False
Enables the Bluetooth interlaced scan mode.
Table 11. AT2 FW version 1.3 system configuration settings - version 1.5 (continued)
Variable
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com