Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 13Page - STMicroelectronics UM1547 Datasheet HTML 14Page - STMicroelectronics UM1547 Datasheet HTML 15Page - STMicroelectronics UM1547 Datasheet HTML 16Page - STMicroelectronics UM1547 Datasheet HTML 17Page - STMicroelectronics UM1547 Datasheet HTML 18Page - STMicroelectronics UM1547 Datasheet HTML 19Page - STMicroelectronics UM1547 Datasheet HTML 20Page - STMicroelectronics UM1547 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
DocID023232 Rev 5
17/51
UM1547
AT command list
51
3.13
DeleteSmartCable
The DeleteSmartCable command removes the current Smart Cable settings that were
entered using the SmartCableSetup command, but not the setting from the dynamic
configuration. The Smart Cable will then be deactivated for the remainder of this session.
Upon reset, if a dynamic configuration for a Smart Cable exists, it will be activated. If there is
no dynamic configuration Smart Cable setup, then this feature will remain deactivated.
3.13.1
Syntax
AT+AB DeleteSmartCable
3.13.2
Responses
If the operation is successful, the response is:
AT-AB DeleteSmartCableDone
3.14
DisableBond
The DisableBond command is used to deny new bonding with a device.
This command cannot be used while a connection is active.
3.14.1
Syntax
AT+AB DisableBond
3.14.2
Responses
If the operation is successful, the response is:
AT-AB BondDisabled
3.15
Discovery
The discovery command is used to initiate a device discovery. The command will return the
number of responses of nearby devices and then the individual responses with BD address
and name of device. The number of devices returned is limited to 10.
Inquiry is performed with an interval of 10.24 seconds.
The devices are reported in the same order as the original inquiry results.
3.15.1
Syntax
AT+AB Discovery [COD filters]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com