Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 20Page - STMicroelectronics UM1547 Datasheet HTML 21Page - STMicroelectronics UM1547 Datasheet HTML 22Page - STMicroelectronics UM1547 Datasheet HTML 23Page - STMicroelectronics UM1547 Datasheet HTML 24Page - STMicroelectronics UM1547 Datasheet HTML 25Page - STMicroelectronics UM1547 Datasheet HTML 26Page - STMicroelectronics UM1547 Datasheet HTML 27Page - STMicroelectronics UM1547 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
AT command list
UM1547
24/51
DocID023232 Rev 5
3.30
ReadClock
This command reads the piconet clock of the local or remote device
3.30.1
Syntax
AT+AB ReadClock
3.30.2
Responses
Local clock
Clock [Local BDAddress] [clock output in HEX]
3.30.3
Syntax
AT+AB ReadClock [Remote Address]
3.30.4
Responses
Remote device clock
Clock [Remote BDAddress] [clock output in HEX]
3.31
Reset
The Reset command is used to reset the ATn FW interface. This is provided in the event
that a host application wants to perform a software reset for error recovery. There is a
response prior to reset in order to verify that the command was received by the ATn FW
interface. A reset requires 1.6 seconds.
3.31.1
Syntax
AT+AB Reset
3.31.2
Responses
If the operation is successful, the response is:
AT-AB ResetPending
3.32
RoleSwitch
The RoleSwitch command is used to change a link from/to a Master or Slave role
3.32.1
Syntax
at+ab RoleSwitch [bd address] [role]
where
•
[bd address] is the address of the remote device that will receive the role switch
•
[role] is the new role of the local device: 0=Master, 1 =Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com