Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 17Page - STMicroelectronics UM1547 Datasheet HTML 18Page - STMicroelectronics UM1547 Datasheet HTML 19Page - STMicroelectronics UM1547 Datasheet HTML 20Page - STMicroelectronics UM1547 Datasheet HTML 21Page - STMicroelectronics UM1547 Datasheet HTML 22Page - STMicroelectronics UM1547 Datasheet HTML 23Page - STMicroelectronics UM1547 Datasheet HTML 24Page - STMicroelectronics UM1547 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
DocID023232 Rev 5
21/51
UM1547
AT command list
51
where [GPIO Pin] is the pin number of the desired GPIO to read. The GPIO numbering
depends on the specific HW used.
3.21.2
Responses
If the operation is successful, the response is:
AT-AB GPIOReadDone [result]
Where [result] is either a 1 to indicate high, or 0 to indicate low.
3.22
GPIOWrite
The GPIOWrite command is used to set a GPIO pin to high or low. A GPIO may only be set
when configured as an output.
3.22.1
Syntax
AT+AB GPIOWrite [GPIO Pin] [Setting]
where [GPIO Pin] is the pin number of the desired GPIO to read. The GPIO numbering
depends on the specific HW used.
[Setting] is a 1 to set a pin to high and a 0 to set a pin to low.
3.22.2
Responses
If the operation is successful, the response is:
AT-AB GPIOWriteDone
3.23
HostEvent
The HostEvent command is used to enable/disable the host notification strings. This will
override the default setting in the dynamic configuration only for the current session, until
reset.
3.23.1
Syntax
AT+AB HostEvent [Enable/Disable]
Where [Enable/Disable] is an “e” or “E” character to enable this parameter and a “d” or “D”
character to disable it.
3.23.2
Responses
If the feature is successfully enabled, the response is:
AT-AB HostEvent Enabled
If the feature is successfully disabled, there is no response because the events have been
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com