Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 29Page - STMicroelectronics UM1547 Datasheet HTML 30Page - STMicroelectronics UM1547 Datasheet HTML 31Page - STMicroelectronics UM1547 Datasheet HTML 32Page - STMicroelectronics UM1547 Datasheet HTML 33Page - STMicroelectronics UM1547 Datasheet HTML 34Page - STMicroelectronics UM1547 Datasheet HTML 35Page - STMicroelectronics UM1547 Datasheet HTML 36Page - STMicroelectronics UM1547 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
DocID023232 Rev 5
33/51
UM1547
FW configuration variables
51
Appendix A
FW configuration variables
The system configuration settings for each firmware version are given in the tables that
follow.
In order to set a configuration variable, enter “at+ab config xxxx = yyyy”, where “xxxx” is the
variable name and “yyyy” is the value to set. A variable name could also be specified as
“varzz”, where zz is the sequence number of the variable.
Note:
All changes require a reset to take effect.
A.1
AT FW version 1.2
Table 9. AT version 1.2 system configuration settings – version 1.2
Variable
Name
Default
Description
Var01
BuildVersion
xxxxxxx
Date code software was built.
Var03
BD_ADDR
00043e260e73
Bluetooth device address (Read-only).
Var04
DeviceName
Amp'ed Up!
Code used for secure connection. Up to 20
characters are allowed (case sensitive).
Var05
StreamingSerial
True
When true, hardware RTS/CTS flow control is
disabled and data not able to be transmitted
over the link will be discarded. When False,
RST/CTS flow control is enabled.
Var06
PIN
1234
Code used for pairing. Up to 16 characters are
allowed (case sensitive).
Var07
UartBaudrate
115200
Main UART baud rate: 1200 to 921,600 baud.
Var08
UartParity
None
Main UART parity.
Var09
UartDataBits
8
Main UART data bits per character.
Var10
UartStopBits
1
Main UART number of stop bits.
Var11
UartTimeout
44
Timeout used to determine the end of a
message in units of bit times: from 8 to 128 are
allowed.
Var12
AutoSniff
False
This enables the sniff feature when the link is
inactive automatically.
Var13
AutoSniffTimeout
5
The inactivity timeout in seconds used for
AutoSniff above.
Var14
AutoSniffInterval
1000
Sniff Slot interval applied AutoSniff.
Var15
HostDeepSleepEnable
False
Enables deep sleep mode.
Var16
GPIO_HostKeepAwake
None
GPIO register used to prevent the module from
entering deep sleep mode. A setting of none
means that this function is disabled.
Var17
GPIO_HostWakeup
None
GPIO register used to wake up the module after
it enters deep sleep mode. A setting of none
means that this function is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com