Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 41Page - STMicroelectronics UM1547 Datasheet HTML 42Page - STMicroelectronics UM1547 Datasheet HTML 43Page - STMicroelectronics UM1547 Datasheet HTML 44Page - STMicroelectronics UM1547 Datasheet HTML 45Page - STMicroelectronics UM1547 Datasheet HTML 46Page - STMicroelectronics UM1547 Datasheet HTML 47Page - STMicroelectronics UM1547 Datasheet HTML 48Page - STMicroelectronics UM1547 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
DocID023232 Rev 5
45/51
UM1547
FW configuration variables
51
Var05
StreamingSerial
True
When true, hardware RTS/CTS flow control is
disabled and data not able to be transmitted
over the link will be discarded. When false,
RST/CTS flow control is enabled.
Var06
PIN
1234
Code used for pairing. Up to 16 characters are
allowed (case sensitive).
Var07
UartBaudrate
115200
Main UART baud rate: 1200 to 2Mbaud. (as
general rule, the UART baud rate must be lower
than the HCI baud rate set in the variable 26)
Var08
UartParity
None
Main UART parity. None/Even/Odd
Var09
UartDataBits
8
Main UART data bits per character. With
Even/Odd parity, this must be 9 data bits, to
include 1 bit of parity.
Var10
UartStopBits
1
Main UART number of stop bits. 1 or 2
Var11
UartTimeout
16
Timeout used to determine the end of a message
in units of bit times: from 8 to 128 are allowed.
Var12
AutoSniff
False
This enables the sniff feature when the link is
inactive automatically.
Var13
AutoSniffTimeout
5
The inactivity timeout in seconds used for
AutoSniff above.
Var14
AutoSniffInterval
1000
Sniff Slot interval applied AutoSniff: from 200 to
1000 are allowed. 0.625 ms per slot.
Var15
HostShallowSleepEnable
True
Enables shallow sleep mode.
Var16
HostDeepSleepEnable
False
Enables deep sleep mode
Table 13. AT2 FW version 1.6 system configuration settings - version 1.5A (continued)
Variable
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com