Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 43Page - STMicroelectronics UM1547 Datasheet HTML 44Page - STMicroelectronics UM1547 Datasheet HTML 45Page - STMicroelectronics UM1547 Datasheet HTML 46Page - STMicroelectronics UM1547 Datasheet HTML 47Page - STMicroelectronics UM1547 Datasheet HTML 48Page - STMicroelectronics UM1547 Datasheet HTML 49Page - STMicroelectronics UM1547 Datasheet HTML 50Page - STMicroelectronics UM1547 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
FW configuration variables
UM1547
48/51
DocID023232 Rev 5
Var43
AllowSniff
False
Enables sniff mode. Must be False when no
32.768KHz LPO is present
Var44
iAPAppID
A123CDFG445
Apple MFI application ID. Up to 10 characters are
allowed. See Apple MFI documentation for further
details
Var45
iAPProtocolStrMain
com.****.Demo
Main connecting string for an Apple MFI
Application. Up to 25 characters are allowed. See
Apple MFI documentation for further details.
Var46
iAPProtocolStrAlt
com.****.Protocol Alt
Alternative connecting string for the Apple MFI
Application. Up to 25 characters are allowed. See
Apple MFI documentation for further details.
Var47
CPI2CMode
3
Apple CP Chip I2C address mode 2 or 3. Apple
CP v2.0C should default to 3. See Apple CP
documentation for further details.
Var48
SPP128UUID
True
This variable enables the 128-bit UUID for the
SPP profile.
Var51
RmtEscapeSequence
False
Remote escape sequence enabled: @#@$@%
Var53
CreditMax
5
Number of buffers available for incoming data
packets (max value = 8)
Var54
PageScanInterlaced
False
Enables the Bluetooth interlaced scan mode.
Var55
MITMEvent
False
Sends pairing passkey to the main UART. User
must input: at+ab passkeyaccept, in order to
complete pairing.
Var56
AltCPGPIO
False
Alternate Apple CP pins (GPIO 5 = SDA and
GPIO 6 = SCL) are used when true, instead of
RTS/CTS control lines.
Var57
InMtuSize
427
Mtu size for incoming packets for iAP (from 150
to 500 bytes). InMtu and OutMtu must match
each other
Table 13. AT2 FW version 1.6 system configuration settings - version 1.5A (continued)
Variable
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com