Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1547 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 18Page - STMicroelectronics UM1547 Datasheet HTML 19Page - STMicroelectronics UM1547 Datasheet HTML 20Page - STMicroelectronics UM1547 Datasheet HTML 21Page - STMicroelectronics UM1547 Datasheet HTML 22Page - STMicroelectronics UM1547 Datasheet HTML 23Page - STMicroelectronics UM1547 Datasheet HTML 24Page - STMicroelectronics UM1547 Datasheet HTML 25Page - STMicroelectronics UM1547 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
AT command list
UM1547
22/51
DocID023232 Rev 5
3.24
IAPConnect
The IAPConnect command is used by AT2 FW to initiate a connection with the specified
Apple iOS device. The remote BD address must be specified.
3.24.1
Syntax
AT+AB IAPConnect [BD Addr]
Where [BD Addr] is the iOS remote device’s BD address to page.
3.24.2
Responses
If the connection is successful, the response is:
AT-AB ConnectionUp [Remote BD Addr]
AT-AB -iAP-BypassMode-
If the connection cannot be completed, the response is:
AT-AB iAPConnectionClosed
3.25
IAPDisconnect
The IAPDisconnect command is used by AT2 FW to terminate a connection with the remote
Apple iOS device.
3.25.1
Syntax
AT+AB IAPDisconnect
3.25.2
Responses
If the connection is successful, the response is
AT-AB iAPConnectionClosed
3.26
LinkDisconnect
The LinkDisconnect command is used to terminate a connection with the remote device's
link handle.
3.26.1
Syntax
AT+AB LinkDisconnect
3.26.2
Responses
If the connection is successful, the response is
AT-AB ConnectionDown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com