Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 26 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 26 Page - NEC

Back Button UPD750064CU Datasheet HTML 22Page - NEC UPD750064CU Datasheet HTML 23Page - NEC UPD750064CU Datasheet HTML 24Page - NEC UPD750064CU Datasheet HTML 25Page - NEC UPD750064CU Datasheet HTML 26Page - NEC UPD750064CU Datasheet HTML 27Page - NEC UPD750064CU Datasheet HTML 28Page - NEC UPD750064CU Datasheet HTML 29Page - NEC UPD750064CU Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
26
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
6.4 Clock Output Circuit
The clock output circuit is provided to output the clock pulses from the P22/PCL pin to the remote control wave
output applications and peripheral LSIs.
• Clock output (PCL) :
Φ, 1.05 MHz, 262 kHz, 65.5 kHz (@ 4.19-MHz operation)
:
Φ, 1.5 MHz, 375 kHz, 93.8 kHz (@ 6.0-MHz operation)
Figure 6-3. Clock Output Circuit Block Diagram
From clock
generator
Φ
fX/22
fX/24
fX/26
Selector
CLOM3
0
CLOM1 CLOM0
4
CLOM
P22
output latch
Port 2 I/O mode
specification bit
PORT2.2
Bit 2 of PMGB
Internal bus
Output buffer
PCL/P22
Remark Special care has been taken in designing the chip so that small-width pulses may not be output
when switching clock output enable/disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com