Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 40 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 40 Page - NEC

Back Button UPD750064CU Datasheet HTML 36Page - NEC UPD750064CU Datasheet HTML 37Page - NEC UPD750064CU Datasheet HTML 38Page - NEC UPD750064CU Datasheet HTML 39Page - NEC UPD750064CU Datasheet HTML 40Page - NEC UPD750064CU Datasheet HTML 41Page - NEC UPD750064CU Datasheet HTML 42Page - NEC UPD750064CU Datasheet HTML 43Page - NEC UPD750064CU Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
40
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
Table 9-1. Status of Each Hardware After Reset (2/2)
Hardware
RESET Signal Generation
RESET Signal Generation
in Standby Mode
in Operation
Serial interface
Shift register (SIO)
Held
Undefined
Operation mode register (CSIM)
00
SBI control register (SBIC)
0
0
Clock generator,
Processor clock control register (PCC)
0
0
clock output
System clock control register (SCC)
0
0
circuit
Clock output mode register (CLOM)
0
0
Sub-oscillator control register (SOS)
0
0
A/D converter
Mode register (ADM)
04H
04H
SA register (SA)
7FH
7FH
Interrupt
Interrupt request flag (IRQ
×××)
Reset (0)
Reset (0)
function
Interrupt enable flag (IE
×××)0
0
Interrupt priority selection register (IPS)
00
INT0, 1, 2 mode registers (IM0, IM1, IM2)
0, 0, 0
0, 0, 0
Digital port
Output buffer
Off
Off
Output latch
Cleared (0)
Cleared (0)
I/O mode registers (PMGA, PMGB)
0
0
Pull-up resistor setting register (POGA)
00
Bit sequential buffer (BSB0 to BSB3)
Held
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com