Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 67 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 67 Page - NEC

Back Button UPD750064CU Datasheet HTML 63Page - NEC UPD750064CU Datasheet HTML 64Page - NEC UPD750064CU Datasheet HTML 65Page - NEC UPD750064CU Datasheet HTML 66Page - NEC UPD750064CU Datasheet HTML 67Page - NEC UPD750064CU Datasheet HTML 68Page - NEC UPD750064CU Datasheet HTML 69Page - NEC UPD750064CU Datasheet HTML 70Page - NEC UPD750064CU Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
67
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
Data Memory STOP Mode Low Supply Voltage Data Retention Characteristics (TA = –40 to +85˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Release signal set time
tSREL
0
µs
Oscillation stabilization
tWAIT
Released by RESET
Note 2
ms
wait timeNote 1
Released by interrupt request
Note 3
ms
Notes 1.
The oscillation stabilization wait time is the time during which the CPU stops operating to prevent
unstable operation when oscillation is started.
2.
Either 217/fX or 215/fX can be selected by mask option.
3.
Set by the basic interval timer mode register (BTM). (Refer to the table below.)
BTM3
BTM2
BTM1
BTM0
Wait Time
fX = 4.19 MHz
fX = 6.0 MHz
–000
220/fX (approx. 250 ms)
220/fX (approx. 175 ms)
–011
217/fX (approx. 31.3 ms)
217/fX (approx. 21.8 ms)
–101
215/fX (approx. 7.81 ms)
215/fX (approx. 5.46 ms)
–111
213/fX (approx. 1.95 ms)
213/fX (approx. 1.37 ms)
Data retention timing (STOP mode release by RESET)
Data retention timing (standby release signal: STOP mode release by interrupt signal)
STOP mode
Data retention mode
Internal reset operation
Operation mode
STOP instruction execution
HALT mode
VDD
RESET
VDDDR
tWAIT
tSREL
STOP mode
Data retention mode
Operation mode
HALT mode
tSREL
VDDDR
tWAIT
STOP instruction execution
VDD
Standby release signal
(interrupt request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com