Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 76 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 76 Page - NEC

Back Button UPD750064CU Datasheet HTML 72Page - NEC UPD750064CU Datasheet HTML 73Page - NEC UPD750064CU Datasheet HTML 74Page - NEC UPD750064CU Datasheet HTML 75Page - NEC UPD750064CU Datasheet HTML 76Page - NEC UPD750064CU Datasheet HTML 77Page - NEC UPD750064CU Datasheet HTML 78Page - NEC UPD750064CU Datasheet HTML 79Page - NEC UPD750064CU Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
76
Data Sheet U10165EJ2V0DS00
PROM write tools
Hardware
PG-1500
PG-1500 is a PROM programmer which enables you to program single-chip microcontrollers
including PROM by stand-alone or host machine operation by connecting an attached board
and optional programmer adapter to PG-1500. It also enables you to program typical PROM
devices of 256K bits to 4M bits.
PA-75P0076CU
PROM programmer adapter for the
µPD75P0076CU and 75P0076GT. Connect the
programmer adapter to PG-1500 for use.
Software
PG-1500 controller
PG-1500 and a host machine are connected by serial and parallel interfaces and PG-1500
is controlled on the host machine.
Host Machine
Part Number
OS
Supply Media
(Product Name)
PC-9800 Series
MS-DOS
3.5-inch 2HD
µS5A13PG1500
Ver. 3.30 to
5-inch 2HD
µS5A10PG1500
Ver. 6.2Note
IBM PC/AT
Refer to
3.5-inch 2HD
µS7B13PG1500
compatible machines
“OS for IBM PC”
5-inch 2HC
µS7B10PG1500
Note
Ver. 5.00 or later has the task swap function, but it cannot be used for this software.
Remark Operation of the PG-1500 controller is guaranteed only on the above host machines and OSs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com