Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 63 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 63 Page - NEC

Back Button UPD750064CU Datasheet HTML 59Page - NEC UPD750064CU Datasheet HTML 60Page - NEC UPD750064CU Datasheet HTML 61Page - NEC UPD750064CU Datasheet HTML 62Page - NEC UPD750064CU Datasheet HTML 63Page - NEC UPD750064CU Datasheet HTML 64Page - NEC UPD750064CU Datasheet HTML 65Page - NEC UPD750064CU Datasheet HTML 66Page - NEC UPD750064CU Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
63
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
A/D Converter Characteristics (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V, 1.8 V
≤ AVREF ≤ VDD)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
888
bit
Absolute accuracyNote 1
VDD = AVREF
2.7 V
≤ VDD
1.5
LSB
1.8 V
≤ VDD < 2.7 V
3
LSB
VDD
≠ AVREF
3
LSB
Conversion time
tCONV
Note 2
168/fX
µs
Sampling time
tSAMP
Note 3
44/fX
µs
Analog input voltage
VIAN
AVSS
AVREF
V
Analog input impedance
RAN
1000
M
Ω
AVREF current
IREF
0.25
2.0
mA
Notes 1.
Absolute accuracy excluding quantization error (
±1/2LSB)
2.
Time until end of conversion (EOC = 1) after execution of conversion start instruction (40.1
µs: fX =
4.19 MHz).
3.
Time until end of sampling after execution of conversion start instruction (10.5
µs: fX = 4.19 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com