Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 41 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 41 Page - NEC

Back Button UPD750064CU Datasheet HTML 37Page - NEC UPD750064CU Datasheet HTML 38Page - NEC UPD750064CU Datasheet HTML 39Page - NEC UPD750064CU Datasheet HTML 40Page - NEC UPD750064CU Datasheet HTML 41Page - NEC UPD750064CU Datasheet HTML 42Page - NEC UPD750064CU Datasheet HTML 43Page - NEC UPD750064CU Datasheet HTML 44Page - NEC UPD750064CU Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
41
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
10. MASK OPTION
The
µPD750068 has the following mask options.
• Mask option of P40 to P43 and P50 to P53
Can select whether to incorporate the pull-up resistor.
(1) The pull-up resistor is incorporated in 1-bit units.
(2) The pull-up resistor is not incorporated.
• Mask option of standby function
Can select the wait time with the RESET signal.
(1) 217/fX (21.8 ms at fX = 6.0 MHz, 31.3 ms at fX = 4.19 MHz)
(2) 215/fX (5.46 ms at fX = 6.0 MHz, 7.81 ms at fX = 4.19 MHz)
• Mask option of subsystem clock
Can select whether to enable the internal feedback resistor.
(1) The internal feedback resistor is enabled (switch internal feedback resistor ON/OFF by software).
(2) The internal feedback resistor is disabled (disconnect internal feedback resistor by hardware).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com