Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 29 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 29 Page - NEC

Back Button UPD750064CU Datasheet HTML 25Page - NEC UPD750064CU Datasheet HTML 26Page - NEC UPD750064CU Datasheet HTML 27Page - NEC UPD750064CU Datasheet HTML 28Page - NEC UPD750064CU Datasheet HTML 29Page - NEC UPD750064CU Datasheet HTML 30Page - NEC UPD750064CU Datasheet HTML 31Page - NEC UPD750064CU Datasheet HTML 32Page - NEC UPD750064CU Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
29
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
6.7 Timer/Event Counter
The
µPD750068 has two channels of timer/event counters. Its configuration is shown in Figures 6-6 and 6-7.
The timer/event counter has the following functions.
(a) Programmable interval timer operation
(b) Square wave output of any frequency to the PTOn pin (n = 0, 1)
(c) Event counter operation
(d) Divides the frequency of signal input via the TIn pin to 1-Nth of the original signal and outputs the divided
frequency to the PTOn pin (frequency divider operation).
(e) Supplies the shift clock to the serial interface circuit.
(f)
Reads the count value.
The timer/event counter operates in the following two modes as set by the mode register.
Table 6-2. Operation Modes of Timer/Event Counter
Channel
Channel 0
Channel 1
Mode
8-bit timer/event counter mode
Yes
Yes
16-bit timer/event counter mode
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com