Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 62 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 62 Page - NEC

Back Button UPD750064CU Datasheet HTML 58Page - NEC UPD750064CU Datasheet HTML 59Page - NEC UPD750064CU Datasheet HTML 60Page - NEC UPD750064CU Datasheet HTML 61Page - NEC UPD750064CU Datasheet HTML 62Page - NEC UPD750064CU Datasheet HTML 63Page - NEC UPD750064CU Datasheet HTML 64Page - NEC UPD750064CU Datasheet HTML 65Page - NEC UPD750064CU Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
62
Data Sheet U10165EJ2V0DS00
Note 2
Note 2
Serial transfer operation
2-wire and 3-wire serial I/O modes (SCK ··· internal clock output): (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK cycle time
tKCY1
VDD = 2.7 to 5.5 V
1300
ns
3800
ns
SCK high-/low-level width
tKL1,VDD = 2.7 to 5.5 V
tKCY1/2–50
ns
tKH1
tKCY1/2–150
ns
SINote 1 setup time (to SCK
↑)tSIK1
VDD = 2.7 to 5.5 V
150
ns
500
ns
SINote 1 hold time
tKSI1
VDD = 2.7 to 5.5 V
400
ns
(from SCK
↑)
600
ns
SCK
↓ → SONote 1 output
tKSO1
RL = 1 k
Ω,VDD = 2.7 to 5.5 V
0
250
ns
delay time
CL = 100 pF
0
1000
ns
Notes 1.
Read as SB0 or SB1 when using the 2-wire serial I/O mode.
2.
RL and CL are the load resistance and load capacitance of the SO output line.
2-wire and 3-wire serial I/O modes (SCK ··· external clock input): (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK cycle time
tKCY2
VDD = 2.7 to 5.5 V
800
ns
3200
ns
SCK high-/low-level width
tKL2,VDD = 2.7 to 5.5 V
400
ns
tKH2
1600
ns
SINote 1 setup time (to SCK
↑)tSIK2
VDD = 2.7 to 5.5 V
100
ns
150
ns
SINote 1 hold time
tKSI2
VDD = 2.7 to 5.5 V
400
ns
(from SCK
↑)
600
ns
SCK
↓ → SONote 1 output
tKSO2
RL = 1 k
Ω,VDD = 2.7 to 5.5 V
0
300
ns
delay time
CL = 100 pF
0
1000
ns
Notes 1.
Read as SB0 or SB1 when using the 2-wire serial I/O mode.
2.
RL and CL are the load resistance and load capacitance of the SO output line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com