Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 68 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 68 Page - NEC

Back Button UPD750064CU Datasheet HTML 64Page - NEC UPD750064CU Datasheet HTML 65Page - NEC UPD750064CU Datasheet HTML 66Page - NEC UPD750064CU Datasheet HTML 67Page - NEC UPD750064CU Datasheet HTML 68Page - NEC UPD750064CU Datasheet HTML 69Page - NEC UPD750064CU Datasheet HTML 70Page - NEC UPD750064CU Datasheet HTML 71Page - NEC UPD750064CU Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
68
Data Sheet U10165EJ2V0DS00
13. CHARACTERISTICS CURVES (REFERENCE VALUES)
IDD vs VDD (main system clock: 6.0-MHz crystal resonator)
10
5.0
1.0
0.5
0.1
0.05
0.01
0.005
0.001
012345678
PCC = 0011
PCC = 0010
PCC = 0001
XT1
XT2
X1
X2
6.0 MHz
32.768 kHz
330 k
Ω
22 pF
22 pF
33 pF
33 pF
Main system clock
HALT mode + 32-kHz oscillation
Subsystem clock operation
mode (SOS.1 = 0)
Subsystem clock HALT mode
(SOS.1 = 0) and main system
clock STOP mode + 32-kHz
oscillation (SOS.1 = 0)
Crystal
resonator
Crystal
resonator
Supply Voltage VDD (V)
(TA = 25˚C)
PCC = 0000
Subsystem clock HALT mode
(SOS.1 = 1) and main system
clock STOP mode + 32-kHz
oscillation (SOS.1 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com