Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 17 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 17 Page - NEC

Back Button UPD750064CU Datasheet HTML 13Page - NEC UPD750064CU Datasheet HTML 14Page - NEC UPD750064CU Datasheet HTML 15Page - NEC UPD750064CU Datasheet HTML 16Page - NEC UPD750064CU Datasheet HTML 17Page - NEC UPD750064CU Datasheet HTML 18Page - NEC UPD750064CU Datasheet HTML 19Page - NEC UPD750064CU Datasheet HTML 20Page - NEC UPD750064CU Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
17
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
4.2 Setting Method of Stack Bank Select Register (SBS)
Switching between the Mk I mode and Mk II mode can be done by the stack bank select register (SBS). Figure
4-1 shows the format.
The SBS is set by a 4-bit memory manipulation instruction.
When using the Mk I mode, the SBS must be initialized to 100
×BNote at the beginning of a program. When using
the Mk II mode, it must be initialized to 000
×BNote.
Note
Set the desired value in the
× position.
Figure 4-1. Stack Bank Select Register Format
SBS3
SBS2
SBS1
SBS0
3210
Symbol
SBS
Address
F84H
00
01
0
1
0
Memory bank 0
Memory bank 1
Other than above setting prohibited
0 must be set in the bit 2 position.
Stack area specification
Mk II mode
Mk I mode
Mode switching specification
Caution
Since SBS. 3 is set to “1” after a RESET signal is generated, the CPU operates in the Mk I mode.
When executing an instruction in the Mk II mode, set SBS. 3 to “0” to select the Mk II mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com