Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 42 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 42 Page - NEC

Back Button UPD750064CU Datasheet HTML 38Page - NEC UPD750064CU Datasheet HTML 39Page - NEC UPD750064CU Datasheet HTML 40Page - NEC UPD750064CU Datasheet HTML 41Page - NEC UPD750064CU Datasheet HTML 42Page - NEC UPD750064CU Datasheet HTML 43Page - NEC UPD750064CU Datasheet HTML 44Page - NEC UPD750064CU Datasheet HTML 45Page - NEC UPD750064CU Datasheet HTML 46Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
42
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
11. INSTRUCTION SET
(1) Expression formats and description methods of operands
The operand is described in the operand column of each instruction in accordance with the description
method for the operand expression format of the instruction. For details, refer to “RA75X Assembler
Package User’s Manual——Language (U12385E)”.
If there are
several elements, one of them is
selected. Capital letters and the + and – symbols are key words and are described as they are.
For immediate data, appropriate numbers or labels are described.
Instead of the labels such as mem, fmem, pmem, and bit, the symbols of the register flags can be described.
However, there are restrictions in the labels that can be described for fmem and pmem. For details, see
µPD750068 User’s Manual (U10670E).
Expression
Description Method
Format
reg
X, A, B, C, D, E, H, L
reg1
X, B, C, D, E, H, L
rp
XA, BC, DE, HL
rp1
BC, DE, HL
rp2
BC, DE
rp'
XA, BC, DE, HL, XA', BC', DE', HL'
rp'1
BC, DE, HL, XA', BC', DE', HL'
rpa
HL, HL+, HL–, DE, DL
rpa1
DE, DL
n4
4-bit immediate data or label
n8
8-bit immediate data or label
mem
8-bit immediate data or labelNote
bit
2-bit immediate data or label
fmem
FB0H to FBFH, FF0H to FFFH immediate data or label
pmem
FC0H to FFFH immediate data or label
addr, addr1
0000H to 0FFFH immediate data or label (
µPD750064)
(Mk II mode only)
0000H to 17FFH immediate data or label (
µPD750066)
0000H to 1FFFH immediate data or label (
µPD750068)
caddr
12-bit immediate data or label
faddr
11-bit immediate data or label
taddr
20H to 7FH immediate data (where bit0 = 0) or label
PORTn
PORT0 to PORT6, PORT11
IE
×××
IEBT, IET0, IET1, IE0 to IE2, IE4, IECSI, IEW
RBn
RB0 to RB3
MBn
MB0, MB1, MB15
Note
mem can be only used for even address in 8-bit data processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com