Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 28 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 28 Page - NEC

Back Button UPD750064CU Datasheet HTML 24Page - NEC UPD750064CU Datasheet HTML 25Page - NEC UPD750064CU Datasheet HTML 26Page - NEC UPD750064CU Datasheet HTML 27Page - NEC UPD750064CU Datasheet HTML 28Page - NEC UPD750064CU Datasheet HTML 29Page - NEC UPD750064CU Datasheet HTML 30Page - NEC UPD750064CU Datasheet HTML 31Page - NEC UPD750064CU Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
28
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
6.6 Watch Timer
The
µPD750068 has one channel of watch timer. The watch timer has the following functions.
(a) Sets the test flag (IRQW) with 0.5 sec interval. The standby mode can be released by the IRQW.
(b) 0.5 sec interval can be created by both the main system clock (4.194304 MHz) and subsystem clock (32.768
kHz).
(c) Convenient for program debugging and checking as interval becomes 128 times longer (3.91 ms) with the
fast feed mode.
(d) Outputs the frequencies (2.048, 4.096, 32.768 kHz) to the P23/BUZ pin, usable for buzzer and trimming
of system clock frequencies.
(e) Clears the frequency divider to make the clock start with zero seconds.
(f)
Uses the clock of 0.5 sec as the clock source of the timer/event counter to continue the standby mode until
the longest time 9 hours (by using timer 0, 1) to be in the lowest consumption mode.
Figure 6-5. Watch Timer Block Diagram
From
clock
generator
Selector
fX
128
(32.768 kHz)
fXT
(32.768 kHz)
fW
(32.768 kHz)
Divider
4 kHz 2 kHz
fW
23
fW
24
Clear
Selector
fW
27
(256 Hz : 3.91 ms)
fW
214
Selector
2 Hz
0.5 sec
IRQW
set signal
INTW
Output buffer
PMGB bit 2
PORT2.3
WM
WM7
0
WM5
WM4
WM3
WM2
WM1
WM0
P23
output latch
Port 2 input/
output mode
8
Internal bus
Bit test instruction
P23/BUZ
Remark The values enclosed in parentheses are applied when fX = 4.194304 MHz and fXT = 32.768 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com