Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 60 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 60 Page - NEC

Back Button UPD750064CU Datasheet HTML 56Page - NEC UPD750064CU Datasheet HTML 57Page - NEC UPD750064CU Datasheet HTML 58Page - NEC UPD750064CU Datasheet HTML 59Page - NEC UPD750064CU Datasheet HTML 60Page - NEC UPD750064CU Datasheet HTML 61Page - NEC UPD750064CU Datasheet HTML 62Page - NEC UPD750064CU Datasheet HTML 63Page - NEC UPD750064CU Datasheet HTML 64Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
60
Data Sheet U10165EJ2V0DS00
DC Characteristics (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply currentNote 1
IDD1
VDD = 5.0 V
±10%Note 3
2.2
6.6
mA
VDD = 3.0 V
±10%Note 4
0.48
1.5
mA
IDD2
HALT
VDD = 5.0 V
±10%
0.86
2.6
mA
mode
VDD = 3.0 V
±10%
0.43
1.3
mA
IDD1
VDD = 5.0 V
±10%Note 3
1.7
4.5
mA
VDD = 3.0 V
±10%Note 4
0.4
1.2
mA
IDD2
HALT
VDD = 5.0 V
±10%
0.7
2
mA
mode
VDD = 3.0 V
±10%
0.39
1.2
mA
IDD3
Low-
VDD = 3.0 V
±10%
11
33
µA
voltage
VDD = 2.0 V
±10%
5.5
17
µA
modeNote 6
VDD = 3.0 V, TA = 25˚C
11
22
µA
VDD = 3.0 V
±10%
9.2
27
µA
VDD = 3.0 V, TA = 25˚C
9.2
18
µA
IDD4
HALT
Low-
VDD = 3.0 V
±10%
6.4
20
µA
mode
voltage
VDD = 2.0 V
±10%
2.5
8
µA
modeNote 6 VDD = 3.0 V, TA = 25˚C
6.4
12.8
µA
VDD = 3.0 V
±10%
4.6
13.8
µA
VDD = 3.0 V, TA = 25˚C
4.6
9.2
µA
IDD5
XT1 =
VDD = 5.0 V
±10%
0.05
10
µA
0 VNote 8
VDD = 3.0 V
±10%
0.02
5
µA
STOP mode
TA = 25˚C
0.02
3
µA
Notes 1.
The current flowing to the internal pull-up resistor is not included.
2.
Including the case when the subsystem clock oscillates.
3.
When the device operates in high-speed mode with the processor clock control register (PCC) set to
0011.
4.
When the device operates in low-speed mode with PCC set to 0000.
5.
When the device operates on the subsystem clock, with the system clock control register (SCC) set
to 1001 and oscillation of the main system clock stopped.
6.
When the sub-oscillation circuit control register (SOS) is set to 0000.
7.
When SOS is set to 0010.
8.
When SOS is set to 00
×1, and the sub-oscillation circuit feedback resistor is not used (×: don’t care).
6.0-MHzNote 2
crystal
oscillation
C1 = C2
= 22 pF
4.19-MHz
Note 2
crystal
oscillation
C1 = C2
= 22 pF
32.768-
kHzNote 5
crystal
oscillation
Low current
dissipation
modeNote 7
Low current
dissipation
modeNote 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com