Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 74 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 74 Page - NEC

Back Button UPD750064CU Datasheet HTML 70Page - NEC UPD750064CU Datasheet HTML 71Page - NEC UPD750064CU Datasheet HTML 72Page - NEC UPD750064CU Datasheet HTML 73Page - NEC UPD750064CU Datasheet HTML 74Page - NEC UPD750064CU Datasheet HTML 75Page - NEC UPD750064CU Datasheet HTML 76Page - NEC UPD750064CU Datasheet HTML 77Page - NEC UPD750064CU Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
74
Data Sheet U10165EJ2V0DS00
Item
µPD75068
µPD750068
µPD75P0076
Clock output (PCL)
Φ, 524, 262, 65.5 kHz
•
Φ, 1.05 MHz, 262 kHz, 65.5 kHz
(@4.19-MHz operation with
(@4.19-MHz operation with main system clock)
main system clock)
•
Φ, 1.5 MHz, 375 kHz, 93.8 kHz
(@6.0-MHz operation with main system clock)
Buzzer output (BUZ)
2, 4, 32 kHz
• 2, 4, 32 kHz
(@4.19-MHz operation
(@4.19-MHz operation with main system clock or
with main system clock
@32.768-kHz operation with subsystem clock)
or @32.768-kHz operation
• 2.93, 5.86, 46.9 kHz
with subsystem clock)
(@6.0-MHz operation with main system clock)
Serial interface
3 modes are available
2 modes are available
• 3-wire serial I/O mode
• 3-wire serial I/O mode
··· MSB/LSB can be selected
··· MSB/LSB can be selected for transfer first bit
for transfer first bit
• 2-wire serial I/O mode
• 2-wire serial I/O mode
• SBI mode
Vectored interrupt
External: 3, internal: 3
External: 3, internal: 4
Test input
External: 1, internal: 1
Supply voltage
VDD = 2.7 to 6.0 V
VDD = 1.8 to 5.5 V
Operating ambient temperature
TA = –40 to +85˚C
Package
• 42-pin plastic shrink DIP
• 42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
(600 mil)
• 42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
• 44-pin plastic QFP
(10
× 10 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com