Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 77 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 77 Page - NEC

Back Button UPD750064CU Datasheet HTML 73Page - NEC UPD750064CU Datasheet HTML 74Page - NEC UPD750064CU Datasheet HTML 75Page - NEC UPD750064CU Datasheet HTML 76Page - NEC UPD750064CU Datasheet HTML 77Page - NEC UPD750064CU Datasheet HTML 78Page - NEC UPD750064CU Datasheet HTML 79Page - NEC UPD750064CU Datasheet HTML 80Page - NEC UPD750064CU Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
77
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
Debugging tool
The in-circuit emulators (IE-75000-R and IE-75001-R) are available as the program debugging tool for the
µPD750068.
The system configurations are described as follows.
Hardware
IE-75000-RNote 1
In-circuit emulator for debugging the hardware and software when developing the application
systems that use the 75X Series and 75XL Series.
When developing a
µPD750068
Subseries, the emulation board IE-75300-R-EM and emulation probe that are sold separately
must be used with the IE-75000-R.
By connecting with the host machine and the PROM programmer, efficient debugging can
be made.
It contains the emulation board IE-75000-R-EM which is connected.
IE-75001-R
In-circuit emulator for debugging the hardware and software when developing the application
systems that use the 75X Series and 75XL Series.
When developing a
µPD750068
Subseries, the emulation board IE-75300-R-EM and emulation probe that are sold separately
must be used with the IE-75001-R.
It can debug the system efficiently by connecting the host machine and PROM programmer.
IE-75300-R-EM
Emulation board for evaluating the application systems that use a
µPD750068 Subseries.
It must be used with the IE-75000-R or IE-75001-R.
EP-750068CU-R
Emulation probe for the
µPD750068CU.
It must be connected to IE-75000-R (or IE-75001-R) and IE-75300-R-EM.
EP-750068GT-R
Emulation probe for the
µPD750068GT.
It must be connected to the IE-75000-R (or IE-75001-R) and IE-75300-R-EM.
It is supplied with the flexible board EV-9500GT-42 which facilitates connection to
EV-9500GT-42
a target system.
Software
IE control program
Connects the IE-75000-R or IE-75001-R to a host machine via RS-232-C and Centronix
I/F and controls the IE-75000-R or IE-75001-R on a host machine.
Host Machine
Part Number
OS
Supply Media
(Product Name)
PC-9800 Series
MS-DOS
3.5-inch 2HD
µS5A13IE75X
Ver. 3.30 to
5-inch 2HD
µS5A10IE75X
Ver. 6.2Note 2
IBM PC/AT
Refer to
3.5-inch 2HC
µS7B13IE75X
compatible machines
“OS for IBM PC”
5-inch 2HC
µS7B10IE75X
Notes 1.
Maintenance product
2.
Ver. 5.00 or later has the task swap function, but it cannot be used for this software.
Remarks 1.
Operation of the IE control program is guaranteed only on the above host machines and OSs.
2.
The
µPD750064, 750066, 750068, and 75P0076 are commonly referred to as the µPD750068
Subseries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com