Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 16 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 16 Page - NEC

Back Button UPD750064CU Datasheet HTML 12Page - NEC UPD750064CU Datasheet HTML 13Page - NEC UPD750064CU Datasheet HTML 14Page - NEC UPD750064CU Datasheet HTML 15Page - NEC UPD750064CU Datasheet HTML 16Page - NEC UPD750064CU Datasheet HTML 17Page - NEC UPD750064CU Datasheet HTML 18Page - NEC UPD750064CU Datasheet HTML 19Page - NEC UPD750064CU Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
16
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
4. SWITCHING FUNCTION BETWEEN Mk I MODE AND Mk II MODE
4.1 Differences between Mk I Mode and Mk II Mode
The CPU of the
µPD750068 has the following two modes: Mk I and Mk II, either of which can be selected.
The mode can be switched by the bit 3 of the stack bank select register (SBS).
•
Mk I mode:
Upward compatible with
µPD75068. Can be used in the 75XL CPU with a ROM capacity
of up to 16 Kbytes.
•
Mk II mode:
Incompatible with
µPD75068. Can be used in all the 75XL CPUs including those products
whose ROM capacity is more than 16 Kbytes.
Table 4-1. Differences between Mk I Mode and Mk II Mode
Mk I Mode
Mk II Mode
Number of stack bytes
2 bytes
3 bytes
for subroutine instructions
BRA !addr1 instruction
Not available
Available
CALLA !addr1 instruction
CALL !addr instruction
3 machine cycles
4 machine cycles
CALLF !faddr instruction
2 machine cycles
3 machine cycles
Caution
The Mk II mode supports a program area exceeding 16 Kbytes for the 75X and
75XL Series. Therefore, this mode is effective for enhancing software compatibility
with products exceeding 16 Kbytes.
When the Mk II mode is selected, the number of stack bytes used during
execution of subroutine call instructions increases by one byte per stack
compared to the Mk I mode. When the CALL !addr and CALLF !faddr instructions
are used, the machine cycle becomes longer by one machine cycle. Therefore,
use the Mk I mode if the RAM efficiency and processing performance are more
important than software compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com