Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 46 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 46 Page - NEC

Back Button UPD750064CU Datasheet HTML 42Page - NEC UPD750064CU Datasheet HTML 43Page - NEC UPD750064CU Datasheet HTML 44Page - NEC UPD750064CU Datasheet HTML 45Page - NEC UPD750064CU Datasheet HTML 46Page - NEC UPD750064CU Datasheet HTML 47Page - NEC UPD750064CU Datasheet HTML 48Page - NEC UPD750064CU Datasheet HTML 49Page - NEC UPD750064CU Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
46
Data Sheet U10165EJ2V0DS00
Instruction
Number
Number
Addressing
Mnemonic
Operand
of Machine
Operation
Skip Condition
Group
of Bytes
Cycles
Area
Table
MOVT
XA, @PCDE
1
3
µPD750064
reference
XA
← (PC11–8+DE)ROM
µPD750066, 750068
XA
← (PC12–8+DE)ROM
XA, @PCXA
1
3
µPD750064
XA
← (PC11–8+XA)ROM
µPD750066, 750068
XA
← (PC12–8+XA)ROM
XA, @BCDE
1
3
XA
← (BCDE)ROMNote
*6
XA, @BCXA
1
3
XA
← (BCXA)ROMNote
*6
Bit transfer
MOV1
CY, fmem.bit
2
2
CY
← (fmem.bit)
*4
CY, pmem.@L
2
2
CY
← (pmem7–2+L3–2.bit(L1–0))
*5
CY, @H+mem.bit
2
2
CY
← (H+mem3–0.bit)
*1
fmem.bit, CY
2
2
(fmem.bit)
← CY
*4
pmem.@L, CY
2
2
(pmem7–2+L3–2.bit(L1–0))
← CY
*5
@H+mem.bit, CY
2
2
(H+mem3–0.bit)
← CY
*1
Operation
ADDS
A, #n4
1
1+S
A
← A+n4
carry
XA, #n8
2
2+S
XA
← XA+n8
carry
A, @HL
1
1+S
A
← A+(HL)
*1
carry
XA, rp'
2
2+S
XA
← XA+rp'
carry
rp'1, XA
2
2+S
rp'1
← rp'1+XA
carry
ADDC
A, @HL
1
1
A, CY
← A+(HL)+CY
*1
XA, rp'
2
2
XA, CY
← XA+rp'+CY
rp'1, XA
2
2
rp'1, CY
← rp'1+XA+CY
SUBS
A, @HL
1
1+S
A
← A–(HL)
*1
borrow
XA, rp'
2
2+S
XA
← XA–rp'
borrow
rp'1, XA
2
2+S
rp'1
← rp'1–XA
borrow
SUBC
A, @HL
1
1
A, CY
← A–(HL)–CY
*1
XA, rp'
2
2
XA, CY
← XA–rp'–CY
rp'1, XA
2
2
rp'1, CY
← rp'1–XA–CY
Note
Set “0” to register B if the
µPD750064 is used. Only low-order one bit of register B will be valid if the
µPD750066, 750068 is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com