Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 38 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 38 Page - NEC

Back Button UPD750064CU Datasheet HTML 34Page - NEC UPD750064CU Datasheet HTML 35Page - NEC UPD750064CU Datasheet HTML 36Page - NEC UPD750064CU Datasheet HTML 37Page - NEC UPD750064CU Datasheet HTML 38Page - NEC UPD750064CU Datasheet HTML 39Page - NEC UPD750064CU Datasheet HTML 40Page - NEC UPD750064CU Datasheet HTML 41Page - NEC UPD750064CU Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
38
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
9. RESET FUNCTION
There are two reset inputs: external reset signal (RESET) and reset signal sent from the basic interval timer/
watchdog timer. When either one of the reset signals are input, an internal reset signal is generated. Figure 9-
1 shows the configuration of the above two inputs.
Figure 9-1. Configuration of Reset Function
RESET
Internal reset signal
Reset signal sent from the
basic interval timer/watchdog timer
WDTM
Internal bus
When the RESET signal is generated, each hardware is initialized as listed in Table 9-1. Figure 9-2 shows
the timing chart of the reset operation.
Figure 9-2. Reset Operation by RESET Signal Generation
Operation mode or
standby mode
WaitNote
RESET
signal
generated
Operation mode
HALT mode
Internal reset operation
Note
The following two times can be selected by the mask option.
217/fX (21.8 ms: @6.0-MHz operation, 31.3 ms: @4.19-MHz operation)
215/fX (5.46 ms: @6.0-MHz operation, 7.81 ms: @4.19-MHz operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com