Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 56 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 56 Page - NEC

Back Button UPD750064CU Datasheet HTML 52Page - NEC UPD750064CU Datasheet HTML 53Page - NEC UPD750064CU Datasheet HTML 54Page - NEC UPD750064CU Datasheet HTML 55Page - NEC UPD750064CU Datasheet HTML 56Page - NEC UPD750064CU Datasheet HTML 57Page - NEC UPD750064CU Datasheet HTML 58Page - NEC UPD750064CU Datasheet HTML 59Page - NEC UPD750064CU Datasheet HTML 60Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
56
Data Sheet U10165EJ2V0DS00
Main System Clock Oscillator Characteristics (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Resonator
Recommended
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
Constants
Ceramic
Oscillation frequency
1.0
6.0Note 2
MHz
resonator
(fX)Note 1
Oscillation
After VDD reaches
4
ms
stabilization timeNote 3
oscillation voltage
range MIN. value
Crystal
Oscillation frequency
1.0
6.0Note 2
MHz
resonator
(fX)Note 1
Oscillation
VDD = 4.5 to 5.5 V
10
ms
stabilization timeNote 3
30
External
X1 input frequency
1.0
6.0Note 2
MHz
clock
(fX)Note 1
X1 input high-/
83.3
500
ns
low-level width
(tXH, tXL)
Notes 1.
The oscillation frequency and X1 input frequency shown above indicate only oscillator characteristics.
Refer to AC Characteristics for instruction execution time.
2.
If the oscillation frequency is 4.19 MHz < fX
≤ 6.0 MHz at 1.8 V ≤ VDD < 2.7 V, do not select the processor
clock control register (PCC) = 0011. If PCC = 0011, one machine cycle time is less than 0.95
µs, falling
short of the rated value of 0.95
µs.
3.
The oscillation stabilization time is the time required to stabilize oscillation after VDD has been applied
or STOP mode has been released.
Caution When using the main system clock oscillator, wire as follows in the area enclosed by the broken
lines in the above figures to avoid an adverse effect from wiring capacitance.
•
Keep the wiring length as short as possible.
•
Do not cross the wiring with the other signal lines.
•
Do not route the wiring near a signal line through which a high fluctuating current flows.
•
Always make the ground point of the oscillator capacitor the same potential as VSS.
•
Do not ground the capacitor to a ground pattern through which a high current flows.
•
Do not fetch signals from the oscillator.
X1
X2
X1
X2
C1
C2
X1
X2
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com