Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 72 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 72 Page - NEC

Back Button UPD750064CU Datasheet HTML 68Page - NEC UPD750064CU Datasheet HTML 69Page - NEC UPD750064CU Datasheet HTML 70Page - NEC UPD750064CU Datasheet HTML 71Page - NEC UPD750064CU Datasheet HTML 72Page - NEC UPD750064CU Datasheet HTML 73Page - NEC UPD750064CU Datasheet HTML 74Page - NEC UPD750064CU Datasheet HTML 75Page - NEC UPD750064CU Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
72
Data Sheet U10165EJ2V0DS00
15. RECOMMENDED SOLDERING CONDITIONS
The
µPD750068 should be soldered and mounted under the following recommended conditions.
For the details of the recommended soldering conditions, refer to the document Semiconductor Device
Mounting Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales
representative.
Table 15-1. Surface Mounting Type Soldering Conditions
µPD750064GT-×××
: 42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
µPD750066GT-×××
: 42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
µPD750068GT-×××
: 42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
µPD750064GT(A)-××× : 42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
µPD750066GT(A)-××× : 42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
µPD750068GT(A)-××× : 42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235˚C, Time: 30 sec. Max. (at 210˚C or higher), IR35-00-2
Count: two times or less
VPS
Package peak temperature: 215˚C, Time: 40 sec. Max. (at 200˚C or higher), VP15-00-2
Count: two times or less
Wave soldering
Solder bath temperature: 260˚C Max., Time: 10 sec. Max.,
WS60-00-1
Count: once
Preheating temperature: 120˚C Max. (package surface temperature)
Partial heating
Pin temperature: 300˚C Max., Time: 3 sec. Max. (per pin row)
—
Caution Do not use different soldering methods together (except for partial heating).
Table 15-2. Through Hole Type Soldering Conditions
µPD750064CU-×××
: 42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
µPD750066CU-×××
: 42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
µPD750068CU-×××
: 42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
µPD750064CU(A)-××× : 42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
µPD750066CU(A)-××× : 42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
µPD750068CU(A)-××× : 42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
Soldering Method
Soldering Conditions
Wave soldering (pin only)
Solder bath temperature: 260˚C Max., Time: 10 sec. Max.
Partial heating
Pin temperature: 300˚C Max., Time: 3 sec. Max. (per pin)
Caution
In wave soldering, apply solder only to the pins. Care must be taken that
jet solder does not come in contact with the main body of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com