Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 61 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 61 Page - NEC

Back Button UPD750064CU Datasheet HTML 57Page - NEC UPD750064CU Datasheet HTML 58Page - NEC UPD750064CU Datasheet HTML 59Page - NEC UPD750064CU Datasheet HTML 60Page - NEC UPD750064CU Datasheet HTML 61Page - NEC UPD750064CU Datasheet HTML 62Page - NEC UPD750064CU Datasheet HTML 63Page - NEC UPD750064CU Datasheet HTML 64Page - NEC UPD750064CU Datasheet HTML 65Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
61
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
AC Characteristics (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU clock cycle timeNote 1
tCY
Operates with
VDD = 2.7 to 5.5 V
0.67
64
µs
(minimum instruction
main system clock
0.95
64
µs
execution time = 1
Operates with
114
122
125
µs
machine cycle)
subsystem clock
TI0, TI1 input frequency
fTI
VDD = 2.7 to 5.5 V
0
1.0
MHz
0
275
kHz
TI0, TI1 input high-/low-level
tTIH, tTIL
VDD = 2.7 to 5.5 V
0.48
µs
width
1.8
µs
Interrupt input high-/
tINTH, tINTL
INT0
IM02 = 0
Note 2
µs
low-level width
IM02 = 1
10
µs
INT1, 2, 4
10
µs
KR0 to 3
10
µs
RESET low-level width
tRSL
10
µs
Notes 1.
The cycle time (minimum instruction
execution time) of the CPU clock (
Φ)
is determined by the oscillation frequency
of the connected resonator (and external
clock), the system clock control register
(SCC), and processor clock control
register (PCC).
The figure on the right shows the supply
voltage VDD vs. cycle time tCY
characteristics when the device operates
with the main system clock.
2.
2tCY or 128/fX depending on the setting
of the interrupt mode register (IM0).
0
1
2
3
4
5
6
1
0.5
2
3
4
5
6
60
64
(with main system clock)
tCY vs VDD
Guaranteed operation range
Supply voltage VDD [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com