Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750064CU Datasheet(PDF) 37 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 37 Page - NEC

Back Button UPD750064CU Datasheet HTML 33Page - NEC UPD750064CU Datasheet HTML 34Page - NEC UPD750064CU Datasheet HTML 35Page - NEC UPD750064CU Datasheet HTML 36Page - NEC UPD750064CU Datasheet HTML 37Page - NEC UPD750064CU Datasheet HTML 38Page - NEC UPD750064CU Datasheet HTML 39Page - NEC UPD750064CU Datasheet HTML 40Page - NEC UPD750064CU Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
37
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
8. STANDBY FUNCTION
In order to save power dissipation while a program is in a standby mode, two types of standby modes (STOP
mode and HALT mode) are provided for the
µPD750068.
Table 8-1. Operation Status in Standby Mode
Mode
STOP Mode
HALT Mode
Item
Set instruction
STOP instruction
HALT instruction
System clock when set
Settable only when the main system
Settable both by the main system clock
clock is used.
and subsystem clock.
Operation
Clock generator
The main system clock stops oscillation.
Only the CPU clock
Φ halts (oscillation
status
continues).
Basic interval timer/
Operation stops.
Operable only when the main system
watchdog timer
clock is oscillated (The IRQBT is set in
the reference time interval).
Serial interface
Operable only when an external SCK
Operable only when an external SCK
input is selected as the serial clock.
input is selected as the serial clock or
when the main system clock is oscillated.
Timer/event counter
Operable only when a signal input to
Operable only when a signal input to
the TI0 and TI1 pins or a watch timer
the TI0 and TI1 pins or a watch timer
which selected fXT is specified as the
which selected fXT is specified as the
count clock.
count clock or when the main system
clock is oscillated.
Watch timer
Operable when fXT is selected as the
Operable.
count clock.
A/D converter
Operation stops.
Operable only when the main system
clock is oscillated.
External interrupt
The INT1, 2, and 4 are operable.
Only the INT0 is not operatedNote.
CPU
Operation stops.
Release signal
• Interrupt request signal sent from the operable hardware enabled by the interrupt
enable flag.
• Test request signal sent from the test source enabled by the test enable flag
• RESET signal generation
Note
Can operate only when the noise elimination circuit is not used (IM02 = 1) by bit 2 of the edge detection
mode register (IM0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com