Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 7 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 7 Page - ams AG

Back Button AS5410 Datasheet HTML 3Page - ams AG AS5410 Datasheet HTML 4Page - ams AG AS5410 Datasheet HTML 5Page - ams AG AS5410 Datasheet HTML 6Page - ams AG AS5410 Datasheet HTML 7Page - ams AG AS5410 Datasheet HTML 8Page - ams AG AS5410 Datasheet HTML 9Page - ams AG AS5410 Datasheet HTML 10Page - ams AG AS5410 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ams Datasheet
Page 7
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Electrical Characteristics
Absolute Maximum Ratings
Stresses beyond those listed in Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated in Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 6:
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Comments
DC supply voltage at pin VDD
5
V
Input pin voltage
-0.3
VDD +0.3
V
Input current
(latchup immunity)
-100
100
mA
Norm: JEDEC 78
Electrostatic discharge
± 2
kV
Norm: MIL 883 E method 3015
Storage temperature
-55
150
°C
Min – 67°F; Max 257°F
Body temperature
260
°C
IPC/JEDEC J-Std-020 Lead finish
100% Sn “matte tin”
Relative humidity
(non-condensing)
5
85
%
Moisture sensitivity level (MSL)
3
Represents a maximum floor time of
168h
EEPROM read/write cycles
100
cycles
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com