Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 5 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 5 Page - ams AG

  AS5410 Datasheet HTML 1Page - ams AG AS5410 Datasheet HTML 2Page - ams AG AS5410 Datasheet HTML 3Page - ams AG AS5410 Datasheet HTML 4Page - ams AG AS5410 Datasheet HTML 5Page - ams AG AS5410 Datasheet HTML 6Page - ams AG AS5410 Datasheet HTML 7Page - ams AG AS5410 Datasheet HTML 8Page - ams AG AS5410 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
ams Datasheet
Page 5
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Pin Assignment
Pin Diagram
Figure 4:
AS5410 Pin Configuration, TSSOP-14 Package (Top View)
Note(s) and/or Footnote(s):
1. X indicates the axis of lateral position measurement; z axis is perpendicular to the package surface
Pin Description
Figure 5:
Pin Description
Pin
TSSOP
Symbol
Type
Description
1
PWM
DO
PWM output. The linearized output data is available on this pin.
2
VSS2
S
Ground (0V) (1)
3
VSS1
S
Ground (0V)(1)
4
VDD
S
Positive supply voltage (3.0V to 3.6V)
5
LOCK_N
DI_ST
Test pin, must be connected to VSS in normal operation
6
RESET_N
DIO_ST
Reset input (active low) to be connected with open drain driver. In case
of output application leave open
7
READY
DO
Measurement ready signal is set high when a measurement cycle is
completed and the results in the output registers are valid
8
MISO
DO_T
Master in / Slave out (SPI interface data output)
9
MOSI
DI_ST
Master out / Slave in (SPI interface data input)
10
TEST
DIO
Must be connected to VSS.
Pin Assignment














3:0
966
966
9''
/2&.B1
5(6(7B1
5($'<
7(67
0,62
026,
6&.
&6B1
7(67
6&(
y
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com