Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 23 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 23 Page - ams AG

Back Button AS5410 Datasheet HTML 19Page - ams AG AS5410 Datasheet HTML 20Page - ams AG AS5410 Datasheet HTML 21Page - ams AG AS5410 Datasheet HTML 22Page - ams AG AS5410 Datasheet HTML 23Page - ams AG AS5410 Datasheet HTML 24Page - ams AG AS5410 Datasheet HTML 25Page - ams AG AS5410 Datasheet HTML 26Page - ams AG AS5410 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
ams Datasheet
Page 23
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Register Description
Register 000Fh
This register holds the threshold and hysteresis of the CORDIC
magnitude value (see Register 0120h), at which the “Magnet
Lost” flag in register 0107h is set/cleared.
Figure 29:
Register 000Fh
Note(s) and/or Footnote(s):
1. V7 to V0: The minimum allowed Magnitude of CORDIC can be selected. The binary number, represented by V7 to V0 must be
multiplied with 64 to calculate the minimum allowed Magnitude of CORDIC.
Register
Access
Bit
Function
Default
Note
000Fh:
R/W
D15 (MSB)
r
0
Reserved
D14
r
0
D13
r
0
D12
r
0
D11
r
0
H2
Hyst
0
Hysteresis for “magnet lost”
H1
Hyst
0
H0
Hyst
1
V7
MgnLostLmt
0
Magnet lost threshold value
compared to register 0121h
V6
MgnLostLmt
0
V5
MgnLostLmt
0
V4
MgnLostLmt
0
V3
MgnLostLmt
0
V2
MgnLostLmt
0
V1
MgnLostLmt
1
V0 (LSB)
MgnLostLmt
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com