Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 48 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 48 Page - ams AG

Back Button AS5410 Datasheet HTML 44Page - ams AG AS5410 Datasheet HTML 45Page - ams AG AS5410 Datasheet HTML 46Page - ams AG AS5410 Datasheet HTML 47Page - ams AG AS5410 Datasheet HTML 48Page - ams AG AS5410 Datasheet HTML 49Page - ams AG AS5410 Datasheet HTML 50Page - ams AG AS5410 Datasheet HTML 51Page - ams AG AS5410 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Page 48
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Pack age Drawings & Mark ings
Figure 54:
14-Lead Thin Shrink Small Outline Package TSSOP-14
Note(s) and/or Footnote(s):
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters (angles are in degrees).
3. N is the total number of terminals.
Green
RoHS
Symbol
Min
Typ
Max
A
-
-
1.20
A1
0.05
-
0.15
A2
0.80
1.00
1.05
b
0.19
-
0.30
c
0.09
-
0.20
D
4.90
5.00
5.10
E6.40 BSC
E1
4.30
4.40
4.50
e0.65 BSC
L
0.45
0.60
0.75
L1
1.00 REF
Symbol
Min
Typ
Max
R0.09
-
-
R1
0.09
-
-
S0.20
-
-
Θ1
0°
-
8°
Θ2
12 REF
Θ312 REF
aaa
-
0.10
-
bbb
-
0.10
-
ccc
-
0.05
-
ddd
-
0.20
-
N14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com