Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 14 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 14 Page - ams AG

Back Button AS5410 Datasheet HTML 10Page - ams AG AS5410 Datasheet HTML 11Page - ams AG AS5410 Datasheet HTML 12Page - ams AG AS5410 Datasheet HTML 13Page - ams AG AS5410 Datasheet HTML 14Page - ams AG AS5410 Datasheet HTML 15Page - ams AG AS5410 Datasheet HTML 16Page - ams AG AS5410 Datasheet HTML 17Page - ams AG AS5410 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Page 14
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Detailed Description
Figure 16:
SPI Timing
Symbol
Parameter
Min
Typ
Max
Unit
Note
fsck
SCK frequency
1
MHz
tSCKhi
SCK pulse width HI
15
ns
tSCKlo
SCK pulse width LO
15
ns
tCSEs
CS_N enable setup time before SCK
10
ns
tCSEh
CS_N enable hold time after SCK
10
ns
tCSDs
CS_N disable setup time before
SCK
10
ns
tCSDh
CS_N disable hold time after SCK
10
ns
tMOSIs
MOSI setup time before SCK
10
ns
tMOSIh
MOSI hold time after SCK
10
ns
tMISOd
MISO delay after SCK
10
ns
tMISOEd
MISO enable delay after CS_N
10
ns
tMISOZd
MISO high Z delay after CS_N
10
ns
tOr
Output edge rise time
3
ns
tOf
Output edge fall time
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com