Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 9 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 9 Page - ams AG

Back Button AS5410 Datasheet HTML 5Page - ams AG AS5410 Datasheet HTML 6Page - ams AG AS5410 Datasheet HTML 7Page - ams AG AS5410 Datasheet HTML 8Page - ams AG AS5410 Datasheet HTML 9Page - ams AG AS5410 Datasheet HTML 10Page - ams AG AS5410 Datasheet HTML 11Page - ams AG AS5410 Datasheet HTML 12Page - ams AG AS5410 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ams Datasheet
Page 9
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Electrical Characteristics
DC Characteristics for Digital Inputs and
Outputs
CMOS Schmitt-Trigger Inputs: LOCK_N, RESET_N, CLK,
MOSI, SCK, CS_N
Operating conditions: operating temperature = -40°C to 105°C,
VDD = 3.0V to 3.6V unless otherwise noted.
Figure 9:
CMOS Schmitt-Trigger Inputs
Note(s) and/or Footnote(s):
1. Input pin voltages higher than VDD (e.g. 5V TTL levels) must be limited by a series resistor to ensure that the maximum input current
(Iin) is not exceeded.
CMOS Outputs: READY, MISO, PWM
Operating conditions: operating temperature = -40°C to 105°C,
VDD = 3.0V to 3.6V unless otherwise noted.
Figure 10:
CMOS Outputs: READY, MISO, PWM
Symbol
Parameter
Min
Max
Unit
Note
VIH
High level input voltage
1.77
1.87
V
VDD = 3.0V
2.07
2.23
VDD = 3.6V
VIL
Low level input voltage
1.12
1.27
V
VDD = 3.0V
1.42
1.52
VDD = 3.6V
Iin
Input current
10
mA
for Vin >VDD (1)
Symbol
Parameter
Min
Max
Unit
Note
VOH
Output high level
2.5
VDD
V
IOH
Output current, source
8
mA
VOL
Output low level
0
0.4
V
IOL
Output current, sink
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com