Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 21 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 21 Page - ams AG

Back Button AS5410 Datasheet HTML 17Page - ams AG AS5410 Datasheet HTML 18Page - ams AG AS5410 Datasheet HTML 19Page - ams AG AS5410 Datasheet HTML 20Page - ams AG AS5410 Datasheet HTML 21Page - ams AG AS5410 Datasheet HTML 22Page - ams AG AS5410 Datasheet HTML 23Page - ams AG AS5410 Datasheet HTML 24Page - ams AG AS5410 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ams Datasheet
Page 21
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Register Description
Note(s) and/or Footnote(s):
1. A 10k pull down resistor is mandatory at the common READY signal line if RdyHz = 1.
Figure 26:
Possible Table Selection
000Bh:
Sequencer
control
R/W
D4
DiffMd
0
Differential mode:
0 = Absolute measurement of Hall cells,
1 = Differential measurement of Hall cells
D3
r
0
D2
r
0
D1
RdyHZ
0
READY Tri-State:
0: The READY pin is always active. It must
NOT be connected in parallel
1: The READY output may be connected in
parallel. It is normally in high Z and only
active (high) if the IC is selected. (1)
D0
(LSB)
r
0
Table 0
Table 1
Table 2
Table 3
Differential Mode
Absolute Pixel1
1kHz Sample Rate
0.5kHz Sample Rate
1kHz Sample Rate
0.5kHz Sample Rate
CORDIC
Input
Values
Pixelcell0, Bz0 = 0x112h
-Pixelcell1, Bz1 = 0x111h
Pixelcell0, Bx0 = 0x114h
-Pixelcell1, Bx1 = 0x113h
Pixelcell0, Bz0 = 0x112h
-Pixelcell1, Bz1 = 0x111h
Pixelcell0, Bx0 = 0x114h
-Pixelcell1, Bx1 = 0x113h
Pixelcell1, Bz1 = 0x111h
Pixelcell1, Bx1 = 0x113h
Pixelcell1, Bz1 = 0x111h
Pixelcell1, Bx1 = 0x113h
Register B
Settings
Table Select 1…
Table Select 0 = 00
(mandatory)
DiffMd = 1 (mandatory)
MgRangExt = 0 or 1
depending on
application
Table Select 1…
Table Select 0 = 01
(mandatory)
DiffMd = 1 (mandatory)
MgRangExt = 0 or 1
depending on
application
Table Select 1…
Table Select 0 = 10
(mandatory)
DiffMd = 0 (mandatory)
MgRangExt = 0
(mandatory)
Table Select 1…
Table Select 0 = 11
(mandatory)
DiffMd = 0 (mandatory)
MgRangExt = 0
(mandatory)
Register
Access
Bit
Function
Default
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com