Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 38 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 38 Page - ams AG

Back Button AS5410 Datasheet HTML 34Page - ams AG AS5410 Datasheet HTML 35Page - ams AG AS5410 Datasheet HTML 36Page - ams AG AS5410 Datasheet HTML 37Page - ams AG AS5410 Datasheet HTML 38Page - ams AG AS5410 Datasheet HTML 39Page - ams AG AS5410 Datasheet HTML 40Page - ams AG AS5410 Datasheet HTML 41Page - ams AG AS5410 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Page 38
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Register Description
Register 0122h
This register holds the final, calculated and linearized position
information
Figure 45:
Register 0122h
Register
Access
Bit
Function
Note
0122h:
Position
R
D15 (MSB)
LinAng
This register holds the linearized 16-bit position
information.
LinAng [°]…linearized 16-bit position information [ °]
0121h … linearized 16-bit position information [LSB]
MgRangExt = 0:
See EQ 7
MgRangExt = 1:
See EQ 8
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
(EQ7)
LinAng
°
[]
360
65536
---------------
0122h
×
=
(EQ8)
LinAng
°
[]
576
65536
---------------
0122h
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com