Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 6 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 6 Page - ams AG

Back Button AS5410 Datasheet HTML 2Page - ams AG AS5410 Datasheet HTML 3Page - ams AG AS5410 Datasheet HTML 4Page - ams AG AS5410 Datasheet HTML 5Page - ams AG AS5410 Datasheet HTML 6Page - ams AG AS5410 Datasheet HTML 7Page - ams AG AS5410 Datasheet HTML 8Page - ams AG AS5410 Datasheet HTML 9Page - ams AG AS5410 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Page 6
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Pin Assignment
Note(s) and/or Footnote(s):
1. Both VSS1 and VSS2 must be connected.
2. CS_N is active low and activates data transmission. If only a single device is used, CS_N may remain low for several commands, for
example while reading the output registers.
Abbreviations for Pin Types in Figure 5:
11
SCK
DI_ST
SPI interface clock input (max. 1 MHz)
12
SCE
DI_ST
Test pin, must be connected to VSS in normal operation
13
TEST
DI_ST
Test pin, must be connected to VSS in normal operation
14
CS_N
DI_ST
Chip select (active low)
DO
: Digital output
DIO
: Digital input & output
DI_ST
: Digital Schmitt-Trigger input
DO_T
: Digital output /tri-state
S
: Supply pin
DIO_ST
: Digital Schmitt-Trigger input & output
Pin
TSSOP
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com