Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 19 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 19 Page - ams AG

Back Button AS5410 Datasheet HTML 15Page - ams AG AS5410 Datasheet HTML 16Page - ams AG AS5410 Datasheet HTML 17Page - ams AG AS5410 Datasheet HTML 18Page - ams AG AS5410 Datasheet HTML 19Page - ams AG AS5410 Datasheet HTML 20Page - ams AG AS5410 Datasheet HTML 21Page - ams AG AS5410 Datasheet HTML 22Page - ams AG AS5410 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
ams Datasheet
Page 19
[v2-04] 2015-Oct-07
Document Feedback
Between 0% to 50% the duty cycle limit is linear to the binary
values selected by PWMLimitHi5 to PWMLimitHi0.
The limits are clamping limits (by selecting limits the resolution
decreases).
PWMLimitLo5 to PWMLimitLo0: Limits the PWM duty cycle.
Figure 23:
PWM Lower Clamping Limits
Between 50% to 100% the duty cycle limit is linear to the binary
values selected by PWMLimitLo5 to PWMLimitLo0. The limits
are clamping limits (by selecting limits the resolution
decreases).
Figure 24:
PWM Setting Example
Duty Cycle
PWMLimitLo0 to PWMLimitLo5
Maximum 50%
111111
Maximum 100%
000000
Clamping Range
0% – 100% PWM
Duty Cycle
10% – 90% PWM
Duty Cycle
50% – 50% PWM
Duty Cycle
PWMLimitHi5
1
1
0
PWMLimitHi4
1
1
0
PWMLimitHi3
1
0
0
PWMLimitHi2
1
0
0
PWMLimitHi1
1
1
0
PWMLimitHi0
1
0
0
PWMLimitLo5
0
0
1
PWMLimitLo4
0
0
1
PWMLimitLo3
0
1
1
PWMLimitLo2
0
1
1
PWMLimitLo1
0
0
1
PWMLimitLo0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com